Part Number Hot Search : 
L4TVS60A SC443103 7MBR1 SR250 ED050 1100H TLE7241E MAX515
Product Description
Full Text Search
 

To Download K1120DA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 K1110D & K1120D Series
5V Crystal Clock Oscillators ! Applications: Wide Area Networks (WAN's) Reference Clocking ! Superior Tolerance Performance Including up to 10 years of aging ! 2.0 to 35.0 MHz Frequency Range ! 10ppm 20ppm Stability Options ! -40C to 85C Operating Temperature - K1120D ! 0C to 70C Operating Temperature - K1110D ! Meets Stratum IV Requirements ! Enable/Disable Option Available
ax. mM ,8 m 20 ax. mM ,2 m 13
0DA Z E K11X.330 MH E COD 33 TI DAT C
m 9m 7,4
x. Ma
PIN 1
E L E C T R I C A L S P E C I F I C AT I O N S
Model Frequency Range (MHz) Input Current (mA) Frequency Stability (ppm) Overall 0oC to 70oC K1110DA 2 to 35 < 30 Inclusive of Calibration, Temperature, Voltage, Load, Aging 10 20 K1120DAM
-40oC to 85oC Aging @ 50oC (10 Years) Temperature Range (oC) Operating Storage
Supply Voltage (V) Symmetry CMOS/TTL "0" Level (VOL)
OBSOLETE
Inclusive 3.0 0oC to +70oC -40oC to +85oC -40oC to +85oC +5.0V 5% 45/55 < 16MHz; 40/60 16MHz 0.5 max. 4.5 min <5 <10
"1" Level (VOH) Rise Time & Fall Time (ns) Start Up Time (ms)
PA R T N U M B E R I N G G U I D E
K11X0DAX X - Specify Frequency "Blank" = Fixed Frequency "E" = Enable/Disable "Blank" = 0C to 70C Operating Temp. "M" = -40C to +85C Operating Temp. Model Selection: See Table Above
2553 N. Edgington Street, Franklin Park, IL 60131 " Phone: 847.451.1000 " Fax: 847.451.7585 800-888-1499 or www.champtech.com
1
K1110D & K1120D Series
5V Crystal Clock Oscillators
PIN 1 7 8 14
FUNCTION
N/C or Enable/Disable
Gnd/ & Case Gnd Output + VCC
SHIPPING TUBE CROSS SECTION
OBSOLETE
OUTPUT WAVEFORM TEST CIRCUIT DIAGRAM MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS
TEST METHODS
Temperature Cycle Mechanical Shock Vibration Humidity Steady State Thermal Shock Electrostatic Discharge Solderability Hermeticity Resistance to Soldering Lead Integrity Marking Permanence Life Test
REFERENCE PROCEDURES
MIL-STD-833, Mtd 1010, Cond. B MIL-STD-202, Mtd 213, Cond. D MIL-STD 202, Mtd 204, Cond. B MIL-STD-202, Mtd 103 MIL-STD-883, Mtd 1011.7 Cond. A MIL-STD-883, Mtd 3015 Class II MIL-STD-883, Mtd 2022.2 MIL-STD-883, Mtd 1014.8, Cond. A1
DESCRIPTION
-55C to +125C; Air-to-Air; 100 cycles; 10 min. dwell 500 g's 10-2000 Hz; 0.06 inch; 15g; 3 planes 40C; 90%-95% R.H.; 56 days 100C to 0C; Water-to-Water; 15 cycles 2 KV to 4 KV Threshold Solder dip; Meniscograph Criteria Mass spectro. 2 x 10-8 atmos. CC/sec He
MIL-STD-202, Mtd 210A, Cond. C 260C; 10 seconds: 1 inch/sec. MIL-STD-883, Mtd 2004.5, Cond. A, B1 Lead tension & bend stress MIL-STD-883, Mtd 2015.8 MIL-STD-883, Mtd 1005.6 Resistance to solvents
125C, powered, 1000 hours minimum
2553 N. Edgington Street, Franklin Park, IL 60131 " Phone: 847.451.1000 " Fax: 847.451.7585 800-888-1499 or www.champtech.com
2


▲Up To Search▲   

 
Price & Availability of K1120DA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X